Part Number Hot Search : 
B320A 00EL1 TAC97 FP6191PM HC373A 00506 TSOP1836 AN4111
Product Description
Full Text Search
 

To Download NNR100M16V5X11F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change non-polar aluminum electrolytic capacitors radial leads non-polarized aluminum electrolytic capacitors nnr series characteristics standard products and case size table d x l (mm) lead spacing and diameter (mm) features ? designed for applications with reversible polarity ? low ac voltage can be superimposed within the limited a ripple current part numbering system nnr 101 m 25v 8x11.5 tb f rohs compliant tb = tape & box* case size (d x l) working voltage (vdc) tolerance code (m=20%) cap. code: first 2 characters signi cant third character is multiplier series cap. ( f) working voltage (vdc) 10 16 25 35 50 100 1.0 - - - - 5x11 5x11 2.2 - - - - 5x11 5x11 3.3 - - - - 5x11 6.3x11 4.7 - - 5x11 5x11 5x11 6.3x11 10 - 5x11 5x11 5x11 6.3x11 8x12.5 22 5x11 5x11 5x11 6.3x11 8x11.5 10x16 33 5x11 5x11 6.3x11 6.3x11 8x11.5 10x20 47 5x11 6.3x11 6.3x11 8x11.5 10x12.5 12.5x25 100 6.3x11 8x11.5 8x11.5 10x12.5 10x20 - 220 8x12.5 10x12.5 10x16 10x20 12.5x25 - 330 10x12.5 10x16 10x20 12.5x25 - - 470 10x16 10x20 12.5x20 12.5x25 - - 1000 12.5x20 12.5x25 - - - - case dia. (d ) 5 6.3 8 10 12.5 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 lead space (f) 2.0 2.5 3.5 5.0 5.0 dim. 0.5 0.5 0.5 0.5 0.5 dim. 1.5 1.5 1.5 1.5 1.5 precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 10 ~ 100vdc capacitance range 1.0 ~ 1,000 f operating temperature range -40 ~ +85c capacitance tolerance 20%(m) max. leakage current after 5 minutes at +20c 0.03cv +8 a surge voltage & max. tan @ 120hz/+20c w.v. (vdc) 10 16 25 35 50 100 s.v. (vdc) 13 20 32 44 63 125 tan 0.20 0.18 0.14 0.13 0.09 0.10 low temperature stability (impedance ratio @ 120hz) z-25c/z+20c 322222 z-40c/z+20c 864333 load life test at rated w.v. & +85c 2,000 hours (polarity shall be reversed every 250 hours capacitance change within 25% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials *see taping speci cations for details drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging.
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ) +20c/120hz load life hours @ +85c nnr220m10v5x11f 22 10 0.20 38 15.08 2,000 nnr330m10v5x11f 33 0.20 58 10.05 2,000 nnr470m10v5x11f 47 0.20 70 7.06 2,000 nnr101m10v6.3x11f 100 0.20 125 3.32 2,000 nnr221m10v8x12.5f 220 0.20 225 1.51 2,000 nnr331m10v10x12.5f 330 0.20 295 1.01 2,000 nnr471m10v10x16f 470 0.20 390 0.71 2,000 nnr102m10v12.5x20f 1000 0.20 620 0.33 2,000 NNR100M16V5X11F 10 16 0.18 28 29.86 2,000 nnr220m16v5x11f 22 0.18 50 13.57 2,000 nnr330m16v5x11f 33 0.18 60 9.05 2,000 nnr470m16v6.3x11f 47 0.18 85 6.35 2,000 nnr101m16v8x11.5f 100 0.18 165 2.99 2,000 nnr221m16v10x12.5f 220 0.18 260 1.36 2,000 nnr331m16v10x16f 330 0.18 360 0.90 2,000 nnr471m16v10x20f 470 0.18 420 0.64 2,000 nnr102m16v12.5x25f 1000 0.18 740 0.30 2,000 nnr4r7m25v5x11f 4.7 25 0.14 25 56.47 2,000 nnr100m25v5x11f 10 0.14 40 26.54 2,000 nnr220m25v5x11f 22 0.14 60 12.06 2,000 nnr330m25v6.3x11f 33 0.14 80 8.04 2,000 nnr470m25v6.3x11f 47 0.14 90 5.65 2,000 nnr101m25v8x11.5f 100 0.14 180 2.65 2,000 nnr221m25v10x16f 220 0.14 320 1.21 2,000 nnr331m25v10x20f 330 0.14 425 0.80 2,000 nnr471m25v12.5x20f 470 0.14 540 0.56 2,000 nnr4r7m35v5x11f 4.7 35 0.13 30 49.41 2,000 nnr100m35v5x11f 10 0.13 45 23.22 2,000 nnr220m35v6.3x11f 22 0.13 75 10.56 2,000 nnr330m35v6.3x11f 33 0.13 90 7.04 2,000 nnr470m35v8x11.5f 47 0.13 125 4.94 2,000 nnr101m35v10x12.5f 100 0.13 200 2.32 2,000 nnr221m35v10x20f 220 0.13 350 1.06 2,000 nnr331m35v12.5x25f 330 0.13 440 0.70 2,000 nnr471m35v12.5x25f 470 0.13 585 0.49 2,000 nnr1r0m50v5x11f 1.0 50 0.09 10 215.63 2,000 nnr2r2m50v5x11f 2.2 0.09 20 98.01 2,000 nnr3r3m50v5x11f 3.3 0.09 28 65.34 2,000 nnr4r7m50v5x11f 4.7 0.09 38 45.88 2,000 nnr100m50v6.3x11f 10 0.09 50 21.56 2,000 nnr220m50v8x11.5f 22 0.09 90 9.80 2,000 nnr330m50v8x11.5f 33 0.09 110 6.53 2,000 nnr470m50v10x12.5f 47 0.09 135 4.59 2,000 nnr101m50v10x20f 100 0.09 250 2.16 2,000 nnr221m50v12.5x25f 220 0.09 410 0.98 2,000 nnr1r0m100v5x11f 1.0 100 0.10 15 149.28 2,000 nnr2r2m100v5x11f 2.2 0.10 25 67.86 2,000 nnr3r3m100v6.3x11f 3.3 0.10 30 45.24 2,000 nnr4r7m100v6.3x11f 4.7 0.10 46 31.76 2,000 nnr100m100v8x12.5f 10 0.10 70 14.93 2,000 nnr220m100v10x16f 22 0.10 120 6.79 2,000 nnr330m100v10x20f 33 0.10 170 4.52 2,000 nnr470m100v12.5x25f 47 0.10 200 3.18 2,000 non-polar aluminum electrolytic capacitors nnr series standard product, specifications and case sizes d x l (mm)


▲Up To Search▲   

 
Price & Availability of NNR100M16V5X11F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X